Part Number Hot Search : 
V300C24 R2A33 DTC114 18R104C SN74LS47 5DU121 SKIIP3 MAX924
Product Description
Full Text Search
 

To Download 74LVX238 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVX238
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
s
s s
s
s
s
s
s
s
s s
HIGH SPEED: tPD = 5.5ns (TYP.) at VCC = 3.3V 5V TOLERANT INPUTS INPUT VOLTAGE LEVEL: VIL=0.8V, VIH=2V at VCC=3V LOW POWER DISSIPATION: ICC = 2 A (MAX.) at TA=25C LOW NOISE: VOLP = 0.3V (TYP.) at VCC = 3.3V SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 3.6V (1.2V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 138 IMPROVED LATCH-UP IMMUNITY POWER DOWN PROTECTION ON INPUTS
SOP
TSSOP
Table 1: Order Codes
PACKAGE SOP TSSOP T&R 74LVX238MTR 74LVX238TTR
DESCRIPTION The 74LVX238 is a low voltage CMOS 3 TO 8 LINE DECODER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power, battery operated and low noise 3.3V applications. If the device is enabled, 3 binary select (A, B, and C) determine which one of the outputs will go high. If enable input G1 is held low or either G2A or G2B Figure 1: Pin Connection And IEC Logic Symbols
is held high, the decoding function is inhibited and all the 8 outputs go low. Tree enable inputs are provided to ease cascade connection and application of address decoders for memory systems. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V system. It combines high speed performance with the true CMOS low power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
August 2004
Rev. 2
1/12
74LVX238
Figure 2: Input Equivalent Circuit Table 2: Pin Description
PIN N 1, 2, 3 4, 5 6 15, 14, 13, 12, 11, 10, 9, 7 8 16 SYMBOL A, B, C G2A, G2B G1 Y0 to Y7 NAME AND FUNCTION Address Inputs Enable Inputs Enable Input Outputs
GND VCC
Ground (0V) Positive Supply Voltage
Table 3: Truth Table
INPUTS OUTPUTS ENABLE G2B X X H L L L L L L L L G2A X H X L L L L L L L L G1 L X X H H H H H H H H C X X X L L L L H H H H SELECT B X X X L L H H L L H H A X X X L H L H L H L H Y0 L L L H L L L L L L L Y1 L L L L H L L L L L L Y2 L L L L L H L L L L L Y3 L L L L L L H L L L L Y4 L L L L L L L H L L L Y5 L L L L L L L L H L L Y6 L L L L L L L L L H L Y7 L L L L L L L L L L H
X : Don't Care
Figure 3: Logic Diagram
This logic diagram has not be used to estimate propagation delays
2/12
74LVX238
Table 4: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
Table 5: Recommended Operating Conditions
Symbol VCC VI VO Top dt/dv Supply Voltage (note 1) Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (note 2) (VCC = 3.3V) Parameter Value 2 to 3.6 0 to 5.5 0 to VCC -55 to 125 0 to 100 Unit V V V C ns/V
1) Truth Table guaranteed: 1.2V to 3.6V 2) VIN from 0.8V to 2.0V
Table 6: DC Specifications
Test Condition Symbol Parameter VCC (V) 2.0 3.0 3.6 2.0 3.0 3.6 2.0 3.0 3.0 VOL Low Level Output Voltage 2.0 3.0 3.0 II ICC Input Leakage Current Quiescent Supply Current 3.6 3.6 IO=-50 A IO=-50 A IO=-4 mA IO=50 A IO=50 A IO=4 mA VI = 5V or GND VI = VCC or GND TA = 25C Min. 1.5 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.58 0.0 0.0 0.1 0.1 0.36 0.1 2 2.0 3.0 1.9 2.9 2.48 0.1 0.1 0.44 1 20 Typ. Max. Value -40 to 85C Min. 1.5 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.4 0.1 0.1 0.55 1 20 A A V V Max. -55 to 125C Min. 1.5 2.0 2.4 0.5 0.8 0.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
3/12
74LVX238
Table 7: Dynamic Switching Characteristics
Test Condition Symbol Parameter VCC (V) 3.3 3.3 CL = 50 pF 3.3 0.8 TA = 25C Min. Typ. 0.3 -0.5 2 V -0.3 Max. 0.5 Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
VOLP VOLV VIHD
VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
Table 8: AC Electrical Characteristics (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 2.7 2.7 3.3(*) 3.3(*) 2.7 2.7 3.3(*) 3.3(*) 2.7 2.7 3.3(*) 3.3(*) 2.7 3.3
(*)
Value TA = 25C Min. Typ. 7.1 9.6 5.5 8.0 8.7 11.2 6.8 9.3 8.8 11.3 6.9 9.4 0.5 0.5 Max. 13.8 17.3 8.8 12.3 16.3 19.8 10.6 14.1 16.0 19.5 10.4 13.9 1.0 1.0 -40 to 85C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. 16.5 20.0 10.5 14.0 19.5 23.0 12.5 16.0 18.5 22.0 11.5 15.0 1.5 1.5 -55 to 125C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. 18.5 22.0 11.5 15.0 205 25.0 13.5 17.0 19.5 23.0 13.5 17.0 1.5 1.5 ns ns ns ns Unit
CL (pF) 15 50 15 50 15 50 15 50 15 50 15 50 50 50
tPLH tPHL Propagation Delay Time A, B, C to Y
tPLH tPHL Propagation Delay Time G1 to Y
tPLH tPHL Propagation Delay Time G2A or G2B to Y
tOSLH tOSHL
Output To Output Skew Time (note1, 2)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW 2) Parameter guaranteed by design (*) Voltage range is 3.3V 0.3V
4/12
74LVX238
Table 9: Capacitive Characteristics
Test Condition Symbol Parameter VCC (V) 3.3 3.3 fIN = 10MHz TA = 25C Min. Typ. 4 34 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Figure 4: Test Circuit
CL =15/50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
Figure 5: Waveform - Propagation Delays For Inverting Outputs (f=1MHz; 50% duty cycle)
5/12
74LVX238
Figure 6: Waveform - Propagation Delays For Non-inverting Outputs (f=1MHz; 50% duty cycle)
6/12
74LVX238
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.25 1.64 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.010 0.063 0.018 0.010
0016020D
7/12
74LVX238
TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0079 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
8/12
74LVX238
Tape & Reel SO-16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.45 10.3 2.1 3.9 7.9 12.8 20.2 60 22.4 6.65 10.5 2.3 4.1 8.1 0.254 0.406 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.262 0.414 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
9/12
74LVX238
Tape & Reel TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
10/12
74LVX238
Table 10: Revision History
Date 27-Aug-2004 Revision 2 Description of Changes Ordering Codes Revision - pag. 1.
11/12
74LVX238
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of 74LVX238

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X